Part Number Hot Search : 
LB1265 1N4756A 11014 T24C0 5KE18 0N06S HAL880UT 41NF50KE
Product Description
Full Text Search
 

To Download L2SD2114KVLT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  leshan radio company, ltd. epitaxial planar type npn silicon transistor z features 1) high dc current gain. h fe = 1200 (typ.) 2) high emitter-base voltage. v ebo =12v (min.) 3) low v ce (sat). v ce (sat) = 0.18v (typ.) (i c / i b = 500ma / 20ma) 1 sot? 23 (to?236ab) l 2sd2114kvlt1g series 1 base 2 emitter collector 3 z absolute maximum ratings (ta=25 c) parameter v cbo v ceo v ebo i c p c tj tstg 25 v v v a(dc) w c c 20 12 0.5 a(pulse) 1 ? 0.2 150 ? 55 + 150 symbol limits unit ? single pulse pw = 100ms collector-base voltage collector-emitter voltage emitter-base voltage collector current collector power dissipation junction temperature storage temperature z electrical characteristics (ta=25 c) parameter symbol bv cbo bv ceo bv ebo i cbo i ebo v ce(sat) f t ? cob min. 25 20 12 ? ? ? ? ? ? ? ? ? ? 0.18 350 8.0 ? ? ? 0.5 0.5 0.4 ? ? vi c = 10 a i c = 1ma i e = 10 a v cb = 20v v eb = 10v i c /i b = 500ma/20ma v ce = 10v, i e =? 50ma, f = 100mhz v cb = 10v, i e = 0a, f = 1mhz v v a a h fe 820 ? 2700 v ce = 3v, i c = 10ma ? v mhz pf ron ? 0.8 ? i b = 1ma, vi = 100mv(rms), f = 1khz pf typ. max. unit conditions collector-base breakdown voltage collector-emitter breakdown voltage emitter-base breakdown voltage collector cutoff current emitter cutoff current dc current transfer ratio collector-emitter saturation voltage transition frequency output capacitance output on-resistance ? measured using pulse current h fe values classification, device marking and ordering information device h fe marking shipping l2sd2114kvlt1g 820~1800 bv 3000/tape&reel l2sd2114kvlt3g 820~1800 bv 10000/tape&reel l2sd2114kwlt1g 1200~2700 bw 3000/tape&reel s-l2sd2114kwlt3g bw 10000/tape&reel ? 4) we declare that the material of product compliance with rohs requirements. 2 3 rev.o 1/4 2sd2114kvlt1g series s-l 5) s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-l2sd2114kvlt1g s-l2sd2114kvlt3g s-l2sd2114kwlt1g l2sd2114kwlt3g 1200~2700
leshan radio company, ltd. z electrical characteristic curves 0 0.4 0.8 1.2 1.6 2.0 0 0.1 0.2 0.3 0.4 0.5 ta = 25?c 0.2 a 0.4 a 0.6 a 0.8 a 1.0 a 1.2 a 1.4 a 1.6 a i b = 0 1.8 a 2.0 a collector current : i c (ma) collector to emitter voltage : v ce (v) fig.1 grounded emitter output characteristics( ) 0 200 400 600 800 1000 0246810 ta = 25 c measured using pulse current. 0.2ma 0.4ma 0.6ma 0.8ma 1.0ma 1.2ma 1.4ma 1.6ma 1.8ma 2.0ma i b = 0ma collector current : i c (ma) collector to emitter voltage : v ce (v) fig.2 grounded emitter output characteristics( ? ) 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1 2 5 10 20 50 100 200 500 1000 collector current : i c (ma) base to emitter voltage : v be (v) fig.3 grounded emitter propagation characteristics v ce = 3v measured using pulse current. 25 c ? 25 c ta = 100 c 1 2 5 10 20 50 100 200 500 1000 10 20 50 100 200 500 1000 2000 5000 10000 ta = 25 c measured using pulse current. dc current gain : h fe collector current : i c (ma) fig.4 dc current gain vs. collector current( ) 3v v ce = 5v 1v 1 2 5 10 20 50 100 200 500 1000 10000 5000 2000 1000 500 200 100 50 20 10 v ce = 3v measured using pulse current. dc current gain : h fe collector current : i c (ma) fig.5 dc current gain vs. collector current( ? ) 25 c ? 25 c ta = 100 c 1 2 2000 1000 200 500 100 20 50 10 5 2 5 10 20 50 100 200 500 1000 ta = 25 c measured using pulse current. 10 25 50 i c /i b = 100 collector saturation voltage : v ce(sat) (mv) collector current : i c (ma) fig.6 collector-emitter saturation voltage vs. collector current( ) collector saturation voltage : v ce(sat) (mv) collector current : i c (ma) 1 2 2000 1000 200 500 100 20 50 10 5 2 5 10 20 50 100 200 5001000 i c / i b = 25 measured using pulse current. fig.7 collector-emitter saturation voltage vs. collector current( ? ) ta = 100 c 25 c ? 25 c base saturation voltage : v be(sat) (mv) collector current : i c (ma) fig.8 base-emitter saturation voltage vs. collector current( ) 1 2 5 10 20 50 100 200 500 1000 10000 5000 2000 1000 500 200 100 50 20 10 ta = 25 c pulsed i c /i b = 10 25 50 100 1 2 5 10 20 50 100 200 500 1000 10000 5000 2000 1000 500 200 100 50 20 10 base saturation voltage : v be(sat) (mv) collector current : i c (ma) fig.9 base-emitter saturation voltage vs. collector current( ? ) measured using pulse current. l c /l b = 10 25 c 100 c ta =? 25 c l2sd2114kvlt1g series rev.o 2/4 s-l2sd2114kvlt1g series
leshan radio company, ltd. emitter current : i e (ma) transition frequency : f t (mhz) fig.10 gain bandwidth product vs. emitter current -1 -2 -5 -10 -20 -50 -100 -200 -500 -1000 10000 5000 2000 500 200 1000 100 20 50 10 ta = 25 c v ce = 10v measured using pulse current. 0.1 0.2 0.5 1 2 5 10 20 50 100 collector output capacitance : cob (pf) collector to base voltage : v cb (v) fig.11 collector output capacitance vs. collector-base voltage 100 200 500 1000 10 20 50 2 5 1 ta = 25 c f = 1mhz i e = 0a 0.01 0.02 0.05 0.1 0.2 0.5 1 2 5 10 on resistance : ron ( ? ) base current : i b (ma) fig.12 output-on resistance vs. base current 0.1 0.2 0.5 1 2 5 10 20 50 100 ta=25 c f=1khz vi=100mv( rms) r l =1k ? z ron measurement circuit ron = r l v 0 v 0 v i ? v 0 r l = 1k ? i b output input 1khz 100mv(rms) v i v rev.o 3/4 l2sd2114kvlt1g series s-l2sd2114kvlt1g series
leshan radio company, ltd. d j k l a c b s h g v 12 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 pin 1. anode 2. no connection 3. cathode 0.031 0.8 sot-23 3 rev.o 4/4 l2sd2114kvlt1g series s-l2sd2114kvlt1g series


▲Up To Search▲   

 
Price & Availability of L2SD2114KVLT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X